Part Number Hot Search : 
KBJ25B X05S47 SB1545 MN101C 571007 F092011 M7403 X05S47
Product Description
Full Text Search
 

To Download 3199BB273M016APA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output Screw Terminal Capacitors for Power Output Filtering
With twice the capacitance of Type 3191 capacitor, Type 3199 extends output filtering performance into higher power, especially with cold temperature requirements. It's available with the capacitor element potted in place for lowest cost or secured by rills, spoon shaped dimples in the side of the can. Rilled construction offers high vibration and shock withstanding and excellent heat transfer for higher ripple current.
Outline Drawing
Highlights
* * * * * Stud mount available High current application Industrial applications Smoothing and filtering Audio power supplies
Specifications
Operating Temperature: -55 to + 85 C Rated Voltage: 7.5 Vdc to 75 Vdc Capacitance Range: 3900 F to 1.2 F Capacitance Tolerance: -10 to + 30%; -10 to +50%; 20% Ripple Current Multiplier: Ambient Temperature
Temperature IR Multiplier 45 C 2.24 60 Hz 0.90 55 C 2.00 120 Hz 1.00 65 C 1.73 300 Hz 1.05 75 C 1.41 85 C 1.00
Frequency
Frequency IR Multiplier 1000 Hz 10 Khz 1.10 1.15
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Life Test: Endurance, 5000 h at rated voltage and 85 C Capacitance: 10% ESR 200% of limit DCL 100% of limit Shelf Life: Storage, 500 h at 85 C Capacitance: 10% ESR 175% of limit DCL 200% of limit Vibration: 10 to 500 Hz, 0.75 mm or 10 g* if less, 3 directions, 2 h ea Capacitance: 5% no visible damage or leakage *15 g if rilled construction
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC * 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Case Dimensions, Uninsulated Bare Can
Case Code BA BB BC BD BE BF BG BH DA DB DC DD DE DF DG DH EA EB EC ED EE EF EG EH FB FC FD FE FF FG FH GC GD GE GF GG GH GJ GN Optional 0.031 0.79 0.062 1.157 0.014 0.356 A A Weight Weight Bracket (Inches) (mm) (Inches) (mm) (Inches) (mm) (Inches) (mm) (oz) (g) Part No. 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.75 1.75 1.75 1.75 1.75 1.75 1.75 1.75 2 2 2 2 2 2 2 2 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3 3 3 3 3 3 3 3 34.9 34.9 34.9 34.9 34.9 34.9 34.9 34.9 44.5 44.5 44.5 44.5 44.5 44.5 44.5 44.5 50.8 50.8 50.8 50.8 50.8 50.8 50.8 50.8 63.5 63.5 63.5 63.5 63.5 63.5 63.5 76.2 76.2 76.2 76.2 76.2 76.2 76.2 76.2 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.625 3.125 3.625 4.125 4.625 5.125 5.625 3.125 3.625 4.125 4.625 5.125 5.625 5.825 8.625 54.0 66.7 79.4 92.1 104.8 117.5 130.2 142.9 54.0 66.7 79.4 92.1 104.8 117.5 130.2 142.9 54.0 66.7 79.4 92.1 104.8 117.5 130.2 142.9 66.7 79.4 92.1 104.8 117.5 130.2 142.9 79.4 92.1 104.8 117.5 130.2 142.9 148.0 219.1 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.750 0.750 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 0.875 0.875 1.125 1.125 1.125 1.125 1.125 1.125 1.125 1.250 1.250 1.250 1.250 1.250 1.250 1.250 1.250 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 19.1 19.1 19.1 19.1 19.1 19.1 19.1 19.1 22.2 22.2 22.2 22.2 22.2 22.2 22.2 22.2 28.6 28.6 28.6 28.6 28.6 28.6 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 0.390 0.390 0.390 0.390 0.390 0.390 0.390 0.390 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.625 0.625 0.625 0.625 0.625 0.625 0.625 0.750 0.750 0.750 0.750 0.750 0.750 0.750 0.750 9.9 9.9 9.9 9.9 9.9 9.9 9.9 9.9 11.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 15.9 15.9 15.9 15.9 15.9 15.9 15.9 19.1 19.1 19.1 19.1 19.1 19.1 19.1 19.1 2.53 3.17 3.70 4.22 4.75 5.98 7.74 9.50 5.63 6.16 6.34 7.22 7.74 8.27 8.80 9.50 5.98 6.34 6.69 7.74 8.98 10.21 11.26 8.80 10.56 13.02 14.08 15.66 21.12 22.88 21.12 18.30 20.06 21.12 25.34 29.92 34.14 36.96 51.39 72 90 105 120 135 170 220 270 160 175 180 205 220 235 250 270 170 180 190 220 255 290 320 250 300 370 400 445 600 650 600 520 570 600 720 850 970 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-14 115058-14 115058-14 115058-14 115058-14 115058-14 115058-14 115058-11 115058-11 115058-11 115058-11 115058-11 115058-11 Diameter (D) Length (L) Pitch (P) Plug (A) Typical
1050 115058-11 1460 115058-11
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC * 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Insulation Dimensions
Code Clamp Bracket P H N R J X no no no yes yes yes Insulation Type 0.008" PVC 0.012" PVC none 0.008" PVC 0.012" PVC none Dimension Adders D +0.02 +0.03 - +0.02 +0.03 - L +0.032 +0.062 - +0.032 +0.062 - H +0.024 +0.045 - +0.024 +0.045 - Dimensions in Inches
Terminal Dimensions
For Case Terminal Style Low Post High Post High Current, Low High Current, High M5 Post, Small M6 Low Post Diameters Code 1 to 3 1 to 3 21/2 & 3 21/2 & 3 1 to 2 3
393
Post Diameter in mm B A D K M J
M
H max in mm Thread 10-32 10-32 1/4-28 1/4-28 M5 M6 0.094 2.4 0.281 7.1 0.125 3.2 0.281 7.1 0.281 7.1 0.125 3.2
B
min Full Thread in 0.218 0.375 0.344 0.469 0.375 0.344
P
Torque in*lb 25 25 60 60 25 60 N*m 2.82 2.82 6.78 6.78 2.82 6.78
A1
mm 5.5 9.5 8.7 11.9 9.5 8.7
0.314 8.0 0.314 8.0 0.684 17.4 0.684 17.4 0.314 8.0 0.684 17.4
7R5
Click here to see Hardware & Mounting Options
Part Numbering System
3199 BA Case Type
3199
Code
Case Code
Capacitance
393 = 39000 F 125 = 1.2 F
Tolerance
M = 20% S = -10 +30% T = -10 +50% U = -10 +75%
Voltage
Terminal
Insulation
P = 0.008" PVC H = 0.012" PVC N = none With mounting bracket: R = 0.008" PVC
Construction*
A1 = potted R1 = rilled S1 = stud & potted T1 - stud & rilled**
7R5 = 7.5 Vdc A = high post 020 = 20 Vdc B = low post D = high current low post K = high currrent
* Construction code is also a sequence number, e.g., A1, A2, -- A9, B1, B2, --, for customer specifications. Sequence number 1 in A1, R1 S1 and T1 denotes the standard catalog capacitor with no special requirements.
high post
M = M5 high post J = 0.012" PVC J = M6 low post X = None
Ratings
Cap (F)
* Mounting stud not available for 1.375" diameter cases, case codes BA, BC and BE
ESR max Ripple max 120 Hz 25 C 120 Hz 85 C (m) potted(A) rilled(A) 7.5 Vdc (9 Volts Surge) 39000 3199BA393M7R5APA1 9.4 8.1 8.8 47000 3199BB473M7R5APA1 9.6 8.8 9.5 56000 3199BC563M7R5APA1 7.9 10.4 11.2 68000 3199BD683M7R5APA1 6.8 11.8 12.7 82000 3199BD823M7R5APA1 6.0 12.7 13.7 100000 3199BF104M7R5APA1 5.2 15.1 16.3 120000 3199BG124M7R5APA1 4.4 17.1 18.5 150000 3199DD154M7R5APA1 4.6 16.6 18.1 180000 3199DE184M7R5APA1 4.2 18.3 20.0 220000 3199DG224M7R5APA1 3.4 22.3 24.4 270000 3199EF274M7R5APA1 3.8 21.5 23.6 330000 3199EH334M7R5APA1 3.9 23.3 25.5 390000 3199FE394M7R5APA1 2.6 28.6 31.7 470000 3199FG474M7R5APA1 2.5 31.3 34.7 560000 3199FH564M7R5APA1 2.2 35.3 39.2 680000 3199GF684M7R5APA1 2.2 37.6 40.5 820000 3199GH824M7R5APA1 2.2 40.2 43.3 1200000 3199GN125M7R5APA1 1.9 46.4 50.0
Type 3199 Catalog Part Number
Case Size DxL (in) 1.375x2.125 1.375x2.625 1.375x3.125 1.375x3.625 1.375x3.625 1.375x4.625 1.375x4.125 1.75x3.625 1.75x4.125 1.75x5.125 2.00x4.625 2.00x5.625 2.50x4.125 2.50x5.125 2.50x5.625 3.00x4.625 3.00x5.625 3.00x8.625
ESR max Ripple max 120 Hz 25 C 120 Hz 85 C (m) potted(A) rilled (A) 10 Vdc (12 Volts Surge) 33000 3199BA333M010APA1 9.6 8.1 8.8 39000 3199BB393M010APA1 8.4 9.4 10.2 47000 3199BC473M010APA1 7.5 10.3 11.1 56000 3199BC563M010APA1 6.9 11.1 12.0 68000 3199BD683M010APA1 6.1 12.6 13.6 82000 3199BE823M010APA1 5.5 4.7 5.1 100000 3199BG104M010APA1 4.5 17.1 18.5 120000 3199DD124M010APA1 4.6 16.5 18.0 150000 3199DE154M010APA1 4.2 18.2 19.9 180000 3199DG184M010APA1 3.8 12.0 13.1 220000 3199DH224M010APA1 3.2 23.8 26.0 270000 3199EG274M010APA1 3.6 23.2 25.4 330000 3199FE334M010APA1 2.6 28.5 31.6 390000 3199FF394M010APA1 2.4 30.9 34.3 470000 3199FH474M010APA1 2.4 33.3 37.0 560000 3199GF564M010APA1 2.2 37.5 40.4 680000 3199GH684M010APA1 2.2 40.1 43.2 12000003199GN125M010APA1 1.7 46.4 50.0 Cap (F)
Type 3199 Catalog Part Number
Case Size DxL (in) 1.375x2.125 1.375x2.625 1.375x3.125 1.375x3.125 1.375x3.625 1.375x4.125 1.375x5.125 1.75x3.625 1.75x4.125 1.75x5.125 1.75x5.625 2.00x5.125 2.50x4.125 2.50x4.625 2.50x5.625 3.00x4.625 3.00x5.625 3.00x8.625
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC * 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Ratings
Cap (F) 22000 27000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 270000 330000 390000 470000 820000 18000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 270000 330000 560000 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 330000 ESR max Ripple max 120 Hz 25 C 120 Hz 85 C (m) potted(A) rilled(A) 16 Vdc (20 Volts Surge) 3199BA223M016APA1 24.6 5.0 5.4 3199BB273M016APA1 21.3 5.9 6.4 3199BC393M016APA1 17.1 7.0 7.6 3199BD473M016APA1 14.8 8.1 8.7 3199BE563M016APA1 13.3 9.0 9.7 3199BG683M016APA1 10.3 11.2 12.1 3199BH823M016APA1 9.8 12.0 13.0 3199DE104M016APA1 7.0 14.1 15.4 3199DF124M016APA1 5.8 16.2 17.7 3199DH154M016APA1 5.2 18.7 20.4 3199EG184M016APA1 3.7 23.0 25.2 3199FE224M016APA1 3.5 24.4 27.1 3199FF274M016APA1 3.2 26.7 29.6 3199GE334M016APA1 3.1 30.2 32.5 3199GF394M016APA1 2.8 32.9 35.5 3199GH474M016APA1 2.5 37.7 40.6 3199GN824M016APA1 2.2 46.4 50.0 25 Vdc (30 Volts Surge) 3199BA183M025APA1 24.8 5.0 5.4 3199BC273M025APA1 17.4 6.9 7.5 3199BD333M025APA1 15.0 8.0 8.6 3199BE393M025APA1 13.5 8.9 9.6 3199BG473M025APA1 10.5 11.1 12.0 3199BH563M025APA1 9.9 2.7 2.9 3199DE683M025APA1 7.1 14.0 15.3 3199DF823M025APA1 5.9 16.0 17.5 3199DG104M025APA1 5.5 17.4 19.0 3199EF124M025APA1 4.0 21.3 23.3 3199EH154M025APA1 3.5 24.4 26.7 3199FF184M025APA1 3.3 26.4 29.3 3199FG224M025APA1 3.0 28.5 31.6 3199FG274M025APA1 2.8 31.7 35.2 3199GG334M025APA1 2.6 35.3 38.0 3199GN564M025APA1 2.2 46.4 50.0 40 Vdc (50 Volts Surge) 3199BA103M040APA1 32.0 4.4 4.8 3199BB123M040APA1 27.4 5.2 5.6 3199BC153M040APA1 18.2 6.8 7.4 3199BD183M040APA1 15.7 7.9 8.5 3199BE223M040APA1 14.0 8.7 9.4 3199BF273M040APA1 13.5 9.3 10.1 3199BH333M040APA1 11.8 10.9 11.8 3199DD393M040APA1 9.4 11.5 12.6 3199DE473M040APA1 8.4 12.9 14.1 3199DG563M040APA1 6.6 15.9 17.4 3199DH683M040APA1 6.1 17.2 18.8 3199EG823M040APA1 4.3 21.2 23.2 3199FE104M040APA1 4.3 22.2 24.6 3199FF124M040APA1 3.9 24.3 27.0 3199FH154M040APA1 3.4 28.1 31.2 3199GG184M040APA1 3.1 32.3 34.8 3199GH224M040APA1 2.9 34.6 37.3 3199GN334M040APA1 2.2 46.4 50.0 Type 3199 Catalog Part Number Case Size DxL (in) 1.375x2.125 1.375x2.625 1.375x3.125 1.375x3.625 1.375x4.125 1.375x5.125 1.375x5.625 1.75x4.125 1.75x4.625 1.75x5.625 2.00x5.125 2.50x4.125 2.50x4.625 3.00x4.125 3.00x4.625 3.00x5.625 3.00x8.625 1.375x2.125 1.375x3.125 1.375x3.625 1.375x4.125 1.375x5.125 1.375x5.625 1.75x4.125 1.75x4.625 1.75x5.125 2.00x4.625 2.00x5.625 2.50x4.625 2.50x5.125 2.50x5.125 3.00x5.125 3.00x8.625 1.375x2.125 1.375x2.625 1.375x3.125 1.375x3.625 1.375x4.125 1.375x4.625 1.375x5.625 1.75x3.625 1.75x4.125 1.75x5.125 1.75x5.625 2.00x5.125 2.50x4.125 2.50x4.625 2.50x5.625 3.00x5.125 3.00x5.625 3.00x8.625 Cap (F) 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 220000 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 150000 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 120000 Type 3199 ESR max Ripple max Catalog 120 Hz 25 C 120 Hz 85 C Part Number (m) potted(A) rilled(A) 50 Vdc (65 Volts Surge) 3199BA822M050APA1 41.0 3.9 4.2 3199BB103M050APA1 34.9 4.6 5.0 3199BC123M050APA1 27.6 5.6 6.0 3199BD153M050APA1 23.2 6.4 6.9 3199BE183M050APA1 20.3 7.2 7.8 3199BF223M050APA1 16.6 8.4 9.1 3199BH273M050APA1 14.2 9.9 10.7 3199DE333M050APA1 9.8 11.9 13.0 3199DF393M050APA1 8.2 13.6 14.9 3199DG473M050APA1 7.5 14.9 16.3 3199EF563M050APA1 9.6 13.6 14.9 3199EH683M050APA1 8.1 16.1 17.6 3199FF823M050APA1 6.6 18.6 20.6 3199FH104M050APA1 5.6 21.7 24.1 3199GF124M050APA1 5.3 23.8 25.7 3199GH154M050APA1 4.5 27.9 30.1 3199GN224M050APA1 3.5 37.7 40.6 63 Vdc (85 Volts Surge) 3199BA472M063APA1 41.5 3.9 4.2 3199BB562M063APA1 35.4 4.5 4.9 3199BB682M063APA1 32.4 5.0 5.4 3199BC822M063APA1 27.5 5.6 6.0 3199BD103M063APA1 23.2 6.5 7.0 3199BE123M063APA1 20.3 7.3 7.9 3199BG153M063APA1 15.5 9.2 9.9 3199BH183M063APA1 14.3 9.9 10.7 3199DE223M063APA1 10.0 11.8 12.9 3199DG273M063APA1 7.8 14.7 16.0 3199DH333M063APA1 7.2 15.8 17.3 3199EG393M063APA1 8.6 15.0 16.4 3199FE473M063APA1 7.5 16.6 18.4 3199FF563M063APA1 6.7 18.4 20.4 3199FH683M063APA1 5.7 21.5 23.9 3199GF823M063APA1 5.3 23.8 25.6 3199GH104M063APA1 4.5 27.7 29.9 3199GN154M063APA1 3.6 37.4 40.3 75 Vdc (95 Volts Surge) 3199BA392M075APA1 42.5 3.8 4.1 3199BB472M075APA1 36.2 4.5 4.9 3199BB562M075APA1 32.6 5.0 5.4 3199BC682M075APA1 28.1 5.5 5.9 3199BD822M075APA1 23.7 6.4 6.9 3199BE103M075APA1 20.7 7.2 7.8 3199BG123M075APA1 15.8 9.1 9.8 3199DD153M075APA1 11.6 10.4 11.3 3199DE183M075APA1 10.2 11.6 12.7 3199DG223M075APA1 8.0 14.5 15.8 3199EF273M075APA1 9.6 13.6 14.9 3199EH333M075APA1 8.2 16.0 17.5 3199FF393M075APA1 6.9 18.1 20.1 3199FG473M075APA1 6.3 19.7 21.9 3199FH563M075APA1 5.8 21.3 23.7 3199GG683M075APA1 5.0 25.5 27.5 3199GH823M075APA1 4.6 27.6 29.7 3199GN124M075APA1 3.6 37.2 40.1 Case Size DxL (in) 1.375x2.125 1.375x2.625 1.375x3.125 1.375x3.625 1.375x4.125 1.375x4.625 1.375x5.625 1.75x4.125 1.75x4.625 1.75x5.125 2.00x4.625 2.00x5.625 2.50x4.625 2.50x5.625 3.00x4.625 3.00x5.625 3.00x8.625 1.375x2.125 1.375x2.625 1.375x2.625 1.375x3.125 1.375x3.625 1.375x4.125 1.375x5.125 1.375x5.625 1.75x4.125 1.75x5.125 1.75x5.625 2.00x5.125 2.50x4.125 2.50x4.625 2.50x5.625 3.00x4.625 3.00x5.625 3.00x8.625 1.375x2.125 1.375x2.625 1.375x2.625 1.375x3.125 1.375x3.625 1.375x4.125 1.375x5.125 1.75x3.625 1.75x4.125 1.75x5.125 2.00x4.625 2.00x5.625 2.50x4.625 2.50x5.125 2.50x5.625 3.00x5.125 3.00x5.625 3.00x8.625
CDM Cornell Dubilier * 140 Technology Place. * Liberty, SC * 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 3199BB273M016APA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X